PART |
Description |
Maker |
EP9934-35 EP9934-45 EP9934-10 EP9934-100 EP9934-11 |
8 Pin SIL Triple TTL Compatible Active Delay Lines SMD 14-Pin Triple TTL Compatible Active Delay Lines 贴片14引脚三TTL兼容主动延迟
|
List of Unclassifed Manufacturers ETC[ETC] PCA ELECTRONICS INC. Electronic Theatre Controls, Inc.
|
1ZUS12N12E |
7-Pin SIL Package Z
|
MRM
|
M22-2013905 M22-2012505 M22-2013646 M22-2014646 M2 |
2.00mm Pitch SIL Vertical 3.5mm PC Tail Pin Header, 3.5mm mating pin height, gold, 39-way 39 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.00mm Pitch SIL Vertical 3.5mm PC Tail Pin Header, 3.5mm mating pin height, gold, 25-way 25 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.00mm Pitch SIL Vertical 3.5mm PC Tail Pin Header, 3.5mm mating pin height, tin, 36-way 36 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.00mm Pitch SIL Vertical 3.5mm PC Tail Pin Header, 3.5mm mating pin height, tin, 46-way 46 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.00mm Pitch SIL Vertical 3.5mm PC Tail Pin Header, 3.5mm mating pin height, tin, 16-way 16 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.00mm Pitch SIL Vertical 3.5mm PC Tail Pin Header, 3.5mm mating pin height, gold, 24-way 2.00mm Pitch SIL Vertical 3.5mm PC Tail Pin Header, 3.5mm mating pin height, gold, 27-way 2.00mm Pitch SIL Vertical 3.5mm PC Tail Pin Header, 3.5mm mating pin height, gold, 28-way 2.00mm Pitch SIL Vertical 3.5mm PC Tail Pin Header, 3.5mm mating pin height, gold, 49-way
|
Harwin PLC HARWIN INC
|
M22-2515005 M22-2515046 M22-2510105 M22-2510146 |
2mm PITCH SIL VERTICAL PIN HEADER ASSEMBLY
|
Harwin Plc
|
M20-8770246 |
2.54mm PITCH SIL SMT PIN HEADER ASSEMBLY (LEFT-HANDED LEAD)
|
Harwin Plc
|
PAL20L4-7DC PAL20L4-7JC PAL20L4-7PC PAL20L6-7DC PA |
24-pin TTL Programmable Array Logic 24针的TTL可编程阵列逻辑 24-pin TTL Programmable Array Logic OT PLD, 25 ns, PDIP24 24-pin TTL Programmable Array Logic OT PLD, 20 ns, PDIP24 24-pin TTL Programmable Array Logic OT PLD, 35 ns, PDIP24 24-pin TTL Programmable Array Logic OT PLD, 25 ns, CDIP24 24-pin TTL Programmable Array Logic OT PLD, 20 ns, CDIP24 24-pin TTL Programmable Array Logic OT PLD, 20 ns, PQCC28 24-pin TTL Programmable Array Logic OT PLD, 10 ns, CDIP24 24-pin TTL Programmable Array Logic OT PLD, 18 ns, PDIP24 24-pin TTL Programmable Array Logic OT PLD, 15 ns, CDIP24 24-pin TTL Programmable Array Logic OT PLD, 35 ns, PQCC28
|
Advanced Micro Devices, Inc.
|
M22-2033905 M22-2033946 M22-2031005 M22-2033546 M2 |
2.00mm Pitch SIL Horizontal 3mm PC Tail Pin Header, 3.5mm mating pin height, gold, 39-way 39 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 2.00mm Pitch SIL Horizontal 3mm PC Tail Pin Header, 3.5mm mating pin height, tin, 39-way 39 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 2.00mm Pitch SIL Horizontal 3mm PC Tail Pin Header, 3.5mm mating pin height, gold, 10-way 10 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 2.00mm Pitch SIL Horizontal 3mm PC Tail Pin Header, 3.5mm mating pin height, tin, 35-way 35 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 2.00mm Pitch SIL Horizontal 3mm PC Tail Pin Header, 3.5mm mating pin height, tin, 9-way 9 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 2.00mm Pitch SIL Horizontal 3mm PC Tail Pin Header, 3.5mm mating pin height, gold, 15-way 15 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 2.00mm Pitch SIL Horizontal 3mm PC Tail Pin Header, 3.5mm mating pin height, gold, 19-way 19 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 2.00mm Pitch SIL Horizontal 3mm PC Tail Pin Header, 3.5mm mating pin height, gold, 7-way 7 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 2.00mm Pitch SIL Horizontal 3mm PC Tail Pin Header, 3.5mm mating pin height, tin, 30-way 30 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 2.00mm Pitch SIL Horizontal 3mm PC Tail Pin Header, 3.5mm mating pin height, tin, 20-way 20 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 2.00mm Pitch SIL Horizontal 3mm PC Tail Pin Header, 3.5mm mating pin height, tin, 47-way 47 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 2.00mm Pitch SIL Horizontal 3mm PC Tail Pin Header, 3.5mm mating pin height, gold, 38-way 38 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 2.00mm Pitch SIL Horizontal 3mm PC Tail Pin Header, 3.5mm mating pin height, tin, 7-way 7 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 2.00mm Pitch SIL Horizontal 3mm PC Tail Pin Header, 3.5mm mating pin height, gold, 8-way 8 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 2.00mm Pitch SIL Horizontal 3mm PC Tail Pin Header, 3.5mm mating pin height, tin, 37-way 37 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M22-5332405 M22-5332005 M22-5330205 M22-5333305 |
2.00mm Pitch SIL Horizontal SMT Pin Header, 24-way 24 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT 2.00mm Pitch SIL Horizontal SMT Pin Header, 20-way 20 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT 2.00mm Pitch SIL Horizontal SMT Pin Header, 2-way 2 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT 2.00mm Pitch SIL Horizontal SMT Pin Header, 33-way 33 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT
|
Harwin PLC
|
SIL12-1A75-71L SIL12-1A75-71LDE |
SIL Reed Relays (deutsch) SIL Reed Relay
|
Meder Electronic
|
SIL12-1A31-71M SIL12-1A31-71MDE |
SIL Reed Relays (deutsch) SIL Reed Relay
|
Meder Electronic
|
SIL24-1A75-71Q SIL24-1A75-71QDE |
SIL Reed Relays (deutsch) SIL Reed Relay
|
Meder Electronic
|
|